PART |
Description |
Maker |
IDT723643 IDT723633 IDT723623 IDT723623L15 IDT7236 |
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-SOIC 0 to 70 Quad, High Slew Rate, Single-Supply, Op Amp 14-TSSOP 0 to 70 High-Slew-Rate, Single-Supply Operational Amplifier 8-PDIP -40 to 105 Quad, High Slew Rate, Single-Supply, Op Amp 14-SOIC 0 to 70 CMOS BUS-MATCHING SyncFIFOTM 256 x 36, 512 x 36, 1,024 x 36 HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-PDIP 0 to 70 的CMOS总线匹配SyncFIFOTM 256 × 3612 × 36024 × 36
|
济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd.
|
IDT723632 IDT723622 IDT723642 IDT723622L30PF IDT72 |
Quad, High Slew Rate, Single-Supply, Op Amp 14-TSSOP 0 to 70 Quad, High Slew Rate, Single-Supply, Op Amp 14-TSSOP -40 to 105 HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 14-SOIC 0 to 70 1K X 36 BI-DIRECTIONAL FIFO, 15 ns, PQFP120 CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2 512 X 36 BI-DIRECTIONAL FIFO, 15 ns, PQFP132
|
Integrated Device Technology, Inc.
|
HA3-2839-5 HA3-2839-9 HA-2839_883 FN3593 HA1-2839- |
From old datasheet system Very High Slew Rate, Wideband Operational Amplifier 600MHz, Very High Slew Rate Operational Amplifier Very High Slew Rate,
Wideband Operational Amplifier(高转换率、宽带运算放大器) Very High Slew Rate/ Wideband Operational Amplifier 600MHz/ Very High Slew Rate Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
28C010ERPGP-15 28C010ERPGP-12 28C010ERPGI-15 28C01 |
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers Low-RON, Dual-SPST/Single-SPDT Clickless Switches with Negative Rail Capability Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps High-/Full-Speed USB 2.0 Switches x8的EEPROM 128Kx8 EEPROM 128Kx8 EEPROM Hex SPDT Data Switch x8的EEPROM
|
Infineon Technologies AG Vishay Intertechnology, Inc. TE Connectivity, Ltd. ITT, Corp. Jameco Electronics
|
HA-2520883 HA-2520_883 HA-2520/883 HA2-2520-2 HA2- |
Uncompensated, High Slew Rate Operational Amplifier 无偿,高压摆率运算放大器 20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
NJM2136 NJM2136M NJM2136V |
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
|
NJRC[New Japan Radio]
|
MAX3088E MAX3082E MAX3087E MAX3083E MAX3086E MAX30 |
5kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers ±15kV ESD保护、失效保护、高10Mbps)、限摆率RS-485/RS-422收发 " ?à15kV ESD-Protected, Fail- Safe, High-Speed (10Mbps), Slew-Rate-Limited RS- 485/RS-422 Transceivers" ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers ??5kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD8517 AD8517ART-REEL AD8527 AD8527AR AD8527ARM-RE |
Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Single; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 7 MHz BAND WIDTH, PDSO5 7 MHz Rail-to-Rail Low Voltage Operational Amplifiers Low Voltage, High Slew Rate, Low Noise, 7 MHz Rail-to-Rail Op Amp, Dual
|
Analog Devices, Inc. AD[Analog Devices]
|
ISL81487L ISL81487LIB-T ISL81487LIBZ-T ISL81487LIB |
5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 5kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 5kV的ESD保护 / 8单位负载V,低功耗,高速或摆率限制,RS-485/RS-422收发 【15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HA-2842 FN2766 |
80MHz, High Slew Rate, High Output
Current, Video Operational Amplifier(80MHz、高偏移高输出电流视频运算放大器) From old datasheet system 80MHz, High Slew Rate, High Output Current, Video Operational Amplifier
|
Intersil Corporation
|
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|